PART |
Description |
Maker |
SSW4N60B SSI4N60B SSI4N60BTU SSW4N60BTM |
600V N-Channel MOSFET 4 A, 600 V, 2.5 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-263 600V N-Channel B-FET / Substitute of SSI4N60A 600V N-Channel B-FET / Substitute of SSW4N60A
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
FQI5N60C FQB5N60C FQB5N60CTM |
600V N-Channel MOSFET 4.5 A, 600 V, 2.5 ohm, N-CHANNEL, Si, POWER, MOSFET 600V N-Channel Advance QFET C-Series
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
STU26NM60 STU26NM60I |
26 A, 600 V, 0.135 ohm, N-CHANNEL, Si, POWER, MOSFET TRANSISTOR | MOSFET | N-CHANNEL | 600V V(BR)DSS | 26A I(D) | TO-220VAR 晶体管| MOSFET的| N沟道| 600V的五(巴西)直|6A条(丁)|20VAR N-CHANNEL 600V 0.125 OHM 26A TO-247/MAX220/MAX220I ZENER-PROTECTED MDMESH POWER MOSFET
|
STMICROELECTRONICS Integrated Device Technology, Inc. SGS Thomson Microelectronics
|
STS1NK60Z 9448 S1NK60Z |
N-CHANNEL 600V - 13W - 0.25A - SO-8 Zener-Protected SuperMESH Power MOSFET N-CHANNEL 600V - 13W - 0.25A - SO-8 Zener-Protected SuperMESHPower MOSFET N-CHANNEL 600V 13 OHM 0.25A SO-8 ZENER-PROTECTED SUPERMESH POWER MOSFET From old datasheet system N-CHANNEL 600V - 13W - 0.25A - SO-8 Zener-Protected SuperMESH⑩ Power MOSFET N-CHANNEL 600V - 13W - 0.25A - SO-8 Zener-Protected SuperMESH?/a> Power MOSFET
|
意法半导 STMICROELECTRONICS[STMicroelectronics]
|
APT6015JN APT6018JN |
POWER MOS IV 600V 38.0A 0.15 Ohm / 600V 35.0A 0.18 Ohm N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS
|
ADPOW[Advanced Power Technology]
|
IRFIBC30G IRFIBC30 |
600V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package Power MOSFET(Vdss=600V, Rds(on)=2.2ohm, Id=2.5A) Power MOSFET(Vdss=600V/ Rds(on)=2.2ohm/ Id=2.5A)
|
IRF[International Rectifier]
|
IRFBC20L IRFBC20S |
Power MOSFET(Vdss=600V/ Rds(on)=4.4ohm/ Id=2.2A) Power MOSFET(Vdss=600V, Rds(on)=4.4ohm, Id=2.2A) 600V Single N-Channel HEXFET Power MOSFET in a TO-262 package 600V Single N-Channel HEXFET Power MOSFET in a D2-Pak package
|
IRF[International Rectifier]
|
STB15NM60N STI15NM60N STP15NM60N STF/I15NM60N STF1 |
N-channel 600V - 0.270ヘ - 14A - D2/I2PAK - TO-220/FP - TO-247 Second generation MDmesh⑩ Power MOSFET N-channel 600V - 0.270Ω - 14A - D2/I2PAK - TO-220/FP - TO-247 Second generation MDmesh Power MOSFET N-channel 600V - 0.270Ω - 14A - D2/I2PAK - TO-220/FP - TO-247 Second generation MDmesh?/a> Power MOSFET N-channel 600V - 0.270楼? - 14A - D2/I2PAK - TO-220/FP - TO-247 Second generation MDmesh垄芒 Power MOSFET
|
STMicroelectronics
|
STP12NM60N STF12NM60N STB12NM60N-1 STW12NM60N STB1 |
N-channel 600V - 0.35Ω - 10A - D2/I2PAK - TO-220/FP - TO-247 Second generation MDmesh Power MOSFET N-channel 600V - 0.35Ω - 10A - D2/I2PAK - TO-220/FP - TO-247 Second generation MDmesh?/a> Power MOSFET N-channel 600V - 0.35楼? - 10A - D2/I2PAK - TO-220/FP - TO-247 Second generation MDmesh垄芒 Power MOSFET N-channel 600V - 0.35ヘ - 10A - D2/I2PAK - TO-220/FP - TO-247 Second generation MDmesh⑩ Power MOSFET
|
STMicroelectronics
|
FCH041N60F |
N-Channel SuperFETII FRFETMOSFET 600V, 76A, 41m 600V N-Channel MOSFET, FRFET
|
Fairchild Semiconductor
|